Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 21 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 21 Page - ams AG

Back Button AS3543 Datasheet HTML 17Page - ams AG AS3543 Datasheet HTML 18Page - ams AG AS3543 Datasheet HTML 19Page - ams AG AS3543 Datasheet HTML 20Page - ams AG AS3543 Datasheet HTML 21Page - ams AG AS3543 Datasheet HTML 22Page - ams AG AS3543 Datasheet HTML 23Page - ams AG AS3543 Datasheet HTML 24Page - ams AG AS3543 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
20 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - A u d i o F u n c t i o n s
8.3.4
Parameter
AVDD17=1.7, AVDD27=2.7, TA= 25
o
C, unless otherwise mentioned
8.3.5
Register Description
8.4
Headphone Output
The headphone output is designed to provide the audio signal with 2x40mW @ 16
Ω or 2x20mW @32Ω, which are typ-
ical values for headphones.
This AFE has a combined output stage for headphone and line output with an independent gain regulation for left and
right channel with 32 steps @ 1.5dB each. The gain can be set from -40.5dB to +6dB.
Figure 6. Headphone Output
Table 11. Line Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RL_LO
Load Impedance
(Stereo Mode)
line inputs nominally have 10k
5
k
CL_LO
Load Capacitance
(Stereo Mode)
100
pF
ALO
Programmable Gain
-40.5
+6
dB
Gain Steps
discrete logarithmic gain steps
1.5
dB
Gain Step Accuracy
±0.25
dB
ALOMUTE
Mute Attenuation
100
dB
Table 12. Line Output Related Register
Name
Base
Offset
Description
OUT_R
2-wire serial
00h
Right Line Output volume settings, MUX control
OUT_L
2-wire serial
01h
Left Line Output volume settings
AudioSet2
2-wire serial
15h
Auto fading timing settings
AudioSet3
2-wire serial
16h
Enable/disable mixer input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com