Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 56 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 56 Page - ams AG

Back Button AS3543 Datasheet HTML 52Page - ams AG AS3543 Datasheet HTML 53Page - ams AG AS3543 Datasheet HTML 54Page - ams AG AS3543 Datasheet HTML 55Page - ams AG AS3543 Datasheet HTML 56Page - ams AG AS3543 Datasheet HTML 57Page - ams AG AS3543 Datasheet HTML 58Page - ams AG AS3543 Datasheet HTML 59Page - ams AG AS3543 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
18h-6 AVDD27
-
ILIM_H_VDD27
0: 100mA
1: 200mA
PRG_AVDD27
-
VSEL_AVDD27<3:0>
0x0 – 0x2: 2.3V
0x3 – 0xF: 2.0V + VSEL* 100mV ->(2.3V – 3.5V)
18h-7 AVDD17
AVDD17_OFF
-
PRG_AVDD17
VSEL_AVDD17<4:0>
0x00 – 0x1F: 1.65V + VSEL * 50mV -> (1.65V – 3.2V)
19h-1 CHGVBUS1
BAT_TEMP_OF
F
CHG_I<2:0>
0..3: 55, 70, 140, 210mA
4..7: 280, 350, 420, 460mA
CHG_V<2:0>
3.9V + CHG_V * 50mV -> (3.9V – 4.25V)
CHG_OFF
19h-2 CHGVBUS2
VBUS_COMP_TH <1:0>
0: 4.5V; 1: 3.18V;
2: 1.5V; 3: 0.6V
-
-
-
BAT_TEMP
0: 0.4/0.5V;
1: 0.6/0.7V
CHG_EOC_TH<1:0>
0: 10% CC; 1: 30% CC;
2: 50% CC; 3: 70% CC
1Ah-1 Out_Cntr1
DRIVE_PWGD<1:0>
0: 6mA OD; 1: 6mA PP;
2: 1mA PP; 3: HiZ
MUX_PWGD<1:0>
0: PWGD; 1: CLK24M;
2: CLKINT2; 3: PWM
DRIVE_XRES<1:0>
0: 6mA OD; 1: 6mA PP;
2: 1mA PP; 3: HiZ
MUX_XRES<1:0>
0: XRES; 1: CLK32K;
2: CLKINT1; 3: PWM
1Ah-2 Out_Cntr2
DRIVE_Q24M<1:0>
0: 6mA PP; 1: HiZ;
2: 2mA PP; 3: 1mA PP
MUX_Q24M<1:0>
0: CLK24M; 1: CLKINT1;
2: CLKINT2; 3: PWM
DRIVE_Q32k<1:0>
0: 6mA PP; 1: HiZ;
2: 2mA PP; 3: 1mA PP
MUX_Q32k<1:0>
0: CLK32K; 1: CLKINT1;
2: CLKINT2; 3: PWM
1Ah-3 Out_Cntr3
DRIVE_SDO<1:0>
0: 6mA PP; 1: HiZ;
2: 2mA PP; 3: 1mA PP
MUX_SDO<1:0>
0: SDO; 1: CLK24M;
2: CLKINT1; 3: PWM
DRIVE_XIRQ<1:0>
0: 6mA OD; 1: 6mA PP;
2: 1mA PP; 3: HiZ
MUX_XIRQ<1:0>
0: XIRQ; 1: CLKINT1;
2: CLKINT2; 3: IRQ
1Ah-4 In_Cntr
-
-
-
-
MUX_HBT<1:0>
0: OFF; 1: PWGD;
2: Q24M; 3: Q32K
MUX_ExtDim<1:0>
0: OFF; 1: PWGD;
2: Q24M; Q32K
1Ah-5 Clk_Cntr
CLKINT2<1:0>
0: CLKPLL; 1: CLKlogdim;
2: LOW; 3: HIGH
CLKINT1<1:0>
0: 2MHz; 1: 667kHz;
2: 1kHz; 3: 125Hz
CLK24M<1:0>
0: OSC24M; 1: OSC24M_div2;
2: OSC24M_div4; 3: OSC24M_PD
CLK32k<1:0>
0: OSC32k; 1: 1Hz;
2: LOW; 3: HIGH
1Ah-6 PWM_Cntr
PWM_INVERT
PWM_CYCLE<6:0>
0: no pulses;
1-127: duty cycle = PWM_CYCLE * 0.39%
1Ah-7 PLL
OSR<3:0>
0x0: 128;
0x1-0xF: n/a
VCO_MODE<1:0>
0: 24-48kHz;
1: 8-23kHz;
2: 49-96kHz;
3: n/a
PLL_MODE<1:0>
0: automatic;
1: ON;
2: OFF;
3: auto_inv
1Bh-1 DCDC15
DIM_UP_XDO
WN
DIM_RATE<1:0>
0: 0ms; 1: 300ms;
2: 600ms; 3: 1200ms
VFB_ON
ExtDim_ON
-
-
-
1Bh-2 ISINK1
I_SINK1<4:0>
0: OFF;
1-31: 1.2mA *I;_ISINK1 -> (1.2mA...37.2mA)
1Bh-3 ISINK2
I_SINK2<4:0>
0: OFF;
1-31: 1.2mA *I;_ISINK2 -> (1.2mA...37.2mA)
Table 43. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com