Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 238 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 238 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 234Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 235Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 236Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 237Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 238Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 239Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 240Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 241Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 328 page
background image
PIC17C7XX
DS30289A-page 238
Preliminary
© 1998 Microchip Technology Inc.
D021
IPD
Power-down Current
(Note 3)
–< 1
20
µAVDD = 5.5V, WDT disabled
Module Differential
Current
D023
∆IBOR
BOR circuitry
–
150
300
µAVDD = 4.5V, BODEN
enabled
D024
∆IWDT
Watchdog Timer
–
10
35
µAVDD = 5.5V
D026
∆IAD
A/D converter
–
1
–
µAVDD = 5.5V, A/D not con-
verting
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Unit
s
Conditions
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD or VSS, T0CKI = VDD,
MCLR = VDD; WDT disabled.
Current consumed from the oscillator and I/O’s driving external capacitive or resistive loads needs to be con-
sidered.
For the RC oscillator, the current through the external pull-up resistor (R) can be estimated as:
VDD /(2
• R).
For capacitive loads, the current can be estimated (for an individual I/O pin) as (CL
• VDD) • f
CL = Total capacitive load on the I/O pin; f = average frequency the I/O pin switches.
The capacitive currents are most significant when the device is configured for external execution (includes
extended microcontroller mode).
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula IR = VDD/2Rext (mA) with Rext in kOhm.
5: This is the voltage where the device enters the Brown-Out-Reset. When BOR is enabled, the device (-16)
will operate correctly to this trip point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com