Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 238Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 239Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 240Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 241Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 242Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 243Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 244Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 245Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 328 page
background image
PIC17C7XX
DS30289A-page 242
Preliminary
© 1998 Microchip Technology Inc.
Input Leakage Current
(Notes 2, 3)
D060
IIL
I/O ports (except RA2, RA3)
–
–
±1
µA Vss ≤ VPIN ≤ VDD,
I/O Pin (in digital mode) at
hi-impedance PORTB
weak pull-ups disabled
D061
MCLR, TEST
–
–
±2
µAVPIN = Vss or VPIN = VDD
D062
RA2, RA3
±2
µA Vss ≤ VRA2, VRA3 ≤ 12V
D063
OSC1 (EC, RC modes)
–
–
±1
µA Vss ≤ VPIN ≤ VDD
D063B
OSC1 (XT, LF modes)
–
–
VPIN
µARF ≥ 1 MΩ
D064
MCLR, TEST
–
–
25
µAVMCLR = VPP = 12V
(when not programming)
D070
IPURB
PORTB weak pull-up current
60
200
400
µA VPIN = VSS, RBPU = 0
4.5V
≤ VDD ≤ 5.5V
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 20.1
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated.These parameters are for design guidance only and
are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17C7XX Programming
Specifications (Literature number DS TBD).
5: The MCLR/VPP pin may be kept in this range at times other than programming, but is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com