Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 235Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 236Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 237Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 238Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 239Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 240Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 241Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 242Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 239
PIC17C7XX
20.2
DC CHARACTERISTICS
PIC17LC7XX -08(Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
VDD
Supply Voltage
3.0
–
5.5
V
D002
VDR
RAM Data Retention
Voltage (Note 1)
1.5 *
–
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure internal
Power-on Reset sig-
nal
–VSS
–
V
See section on Power-on
Reset for details
D004
SVDD
VDD rise rate to
ensure proper
operation
0.010 *
–
–
V/ms
See section on Power-on
Reset for details
D005
VBOR
Brown-out Reset
voltage trip point
3.65
–
4.35
V
D006
VPORTP
Power-on Reset trip
point
–
2.2
–
V
VDD = VPORTP
D010
D011
D014
IDD
Supply Current
(Note 2)
–
–
–
3
6
85
6 *
12
150
mA
mA
µA
FOSC = 4 MHz (Note 4)
FOSC = 8 MHz
FOSC = 32 kHz,
(EC osc configuration)
D021
IPD
Power-down Current
(Note 3)
–< 1
5
µAVDD = 3.0V,
WDT disabled
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1=external square wave, from rail to rail; all I/O pins tristated, pulled to VDD or VSS, T0CKI = VDD, MCLR = VDD;
WDT disabled.
Current consumed from the oscillator and I/O’s driving external capacitive or resistive loads needs to be considered.
For the RC oscillator, the current through the external pull-up resistor (R) can be estimated as: VDD / (2
• R).
For capacitive loads, the current can be estimated (for an individual I/O pin) as (CL
• VDD) • f
CL = Total capacitive load on the I/O pin; f = average frequency the I/O pin switches.
The capacitive currents are most significant when the device is configured for external execution (includes extended
microcontroller mode).
3:
The power down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with
the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4:
For RC osc configuration, current through Rext is not included. The current through the resistor can be estimated by the
formula IR = VDD/2Rext (mA) with Rext in kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com