Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 239Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 240Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 241Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 242Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 243Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 244Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 245Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 246Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 243
PIC17C7XX
Output Low Voltage
D080
D081
VOL
I/O ports
with TTL buffer
–
–
–
–
–
–
0.1VDD
0.1VDD *
0.4
V
V
V
IOL = VDD/1.250 mA
4.5V
≤ VDD ≤ 5.5V
VDD
= 3.0V
IOL = 6 mA, VDD = 4.5V
Note 6
D082
RA2 and RA3
–
–
–
–
–
–
3.0
0.4
0.6
V
V
V
IOL = 60.0 mA, VDD = 5.5V
IOL = 60.0 mA, VDD = 2.5V
IOL = 60.0 mA, VDD = 4.5V
D083
D084
OSC2/CLKOUT
(RC and EC osc modes)
–
–
–
–
0.4
0.1VDD *
V
V
IOL = 1 mA, VDD = 4.5V
IOL = VDD/5 mA
(PIC17LC7XX only)
Output High Voltage (Note 3)
D090
D091
VOH
I/O ports (except RA2 and RA3)
with TTL buffer
0.9VDD
0.9VDD *
2.4
–
–
–
–
–
–
V
V
V
IOH = -VDD/2.5 mA
4.5V
≤ VDD ≤ 5.5V
VDD
= 3.0V
IOH = -6.0 mA, VDD = 4.5V
Note 6
D093
D094
OSC2/CLKOUT
(RC and EC osc modes)
2.4
0.9VDD *
–
–
–
–
V
V
IOH = -5 mA, VDD = 4.5V
IOH = -VDD/5 mA
(PIC17LC7XX only)
D150
VOD
Open Drain High Voltage
–
–
8.5
V
RA2 and RA3 pins only
pulled-up to externally
applied voltage
Capacitive Loading Specs on
Output Pins
D100
Cosc2 OSC2/CLKOUT pin
–
–
25 ‡
pF
In EC or RC osc modes
when OSC2 pin is output-
ting CLKOUT. External
clock is used to drive
OSC1.
D101
CIO
All I/O pins and OSC2
(in RC mode)
–
–
50 ‡
pF
D102
CAD
System Interface Bus
(PORTC, PORTD and PORTE)
–
–
50 ‡
pF
In Microprocessor or
Extended Microcontroller
mode
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 20.1
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated.These parameters are for design guidance only and
are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17C7XX Programming
Specifications (Literature number DS TBD).
5: The MCLR/VPP pin may be kept in this range at times other than programming, but is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com