Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752-08/CL Datasheet(PDF) 241 Page - Microchip Technology

Part # PIC17C752-08/CL
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/CL Datasheet(HTML) 241 Page - Microchip Technology

Back Button PIC17C752-08/CL Datasheet HTML 237Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 238Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 239Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 240Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 241Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 242Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 243Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 244Page - Microchip Technology PIC17C752-08/CL Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 328 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30289A-page 241
PIC17C7XX
20.3
DC CHARACTERISTICS
PIC17C7XX-16 (Commercial, Industrial)
PIC17C7XX-33( Commercial, Industrial)
PIC17LC7XX-08 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in Section 20.1
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer (Note 6)
VSS
VSS
–
–
0.8
0.2VDD
V
V
4.5V
≤ VDD ≤ 5.5V
3.0V
≤ VDD ≤ 4.5V
D031
with Schmitt Trigger buffer
RA2, RA3
All others
VSS
VSS
–
–
0.3VDD
0.2VDD
V
V
I2C compliant
D032
MCLR, OSC1 (in EC and RC
mode)
VSS
–
0.2VDD
V
Note1
D033
OSC1 (in XT, and LF mode)
–
0.5VDD
–V
Input High Voltage
VIH
I/O ports
D040
with TTL buffer (Note 6)
2.0
1 + 0.2VDD
–
–
VDD
VDD
V
V
4.5V
≤ VDD ≤ 5.5V
3.0V
≤ VDD ≤ 4.5V
D041
with Schmitt Trigger buffer
RA2, RA3
All others
0.7VDD
0.8VDD
–
–
VDD
VDD
V
V
I2C compliant
D042
MCLR
0.8VDD
–VDD
V
Note1
D043
OSC1 (XT, and LF mode)
–
0.5VDD
–V
D050
VHYS
Hysteresis of
Schmitt Trigger inputs
0.15VDD *–
–
V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated.These parameters are for design guidance only and
are not tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC17CXXX devices be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.
4: These specifications are for the programming of the on-chip program memory EPROM through the use of the
table write instructions. The complete programming specifications can be found in: PIC17C7XX Programming
Specifications (Literature number DS TBD).
5: The MCLR/VPP pin may be kept in this range at times other than programming, but is not recommended.
6: For TTL buffers, the better of the two specifications may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com