Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 56 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 52Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 53Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 54Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 55Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 56Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 57Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 58Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 59Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Programming manual
powerSTEP01
56/92
DocID025022 Rev 5
11.1.10
KVAL_HOLD, KVAL_RUN, KVAL_ACC and KVAL_DEC
These registers are specific for voltage mode driving (see Section 8 on page 38).
The KVAL_HOLD register contains the KVAL value that is assigned to the PWM modulators
when the motor is stopped (compensations excluded).
The KVAL_RUN register contains the KVAL value that is assigned to the PWM modulators
when the motor is running at constant speed (compensations excluded).
The KVAL_ACC register contains the starting KVAL value that can be assigned to the PWM
modulators during acceleration (compensations excluded).
The KVAL_DEC register contains the starting KVAL value that can be assigned to the PWM
modulators during deceleration (compensations excluded).
The available range is from 0 to 0.996 x VS with a resolution of 0.004 x VS, as shown in
Table 16.
11.1.11
INT_SPEED
This register is specific for voltage mode driving (see Section 8).
The INT_SPEED register contains the speed value at which the BEMF compensation curve
changes slope (Section 8.4 on page 40 for details). Its value is expressed in step/tick and to
convert it in [step/s] the following formula can be used:
Equation 10
where INT_SPEED is the integer number stored in the register and tick is 250 ns.
The available range is from 0 to 976.5 step/s with a resolution of 0.0596 step/s.
Any attempt to write the register when the motor is running causes the command to be
ignored and the CMD_ERROR flag to rise (Section 11.1.28 on page 71).
11.1.12
ST_SLP
This register is specific for voltage mode driving (see Section 8).
The ST_SLP register contains the BEMF compensation curve slope that is used when the
speed is lower than the intersect speed (Section 8.4). Its value is expressed in s/step and
the available range is from 0 to 0.004 with a resolution of 0.000015.
Table 16. Voltage amplitude regulation registers
KVAL_X [7…0]
Output voltage
00000
000
0
00000
001
VS x (1/256)
11111
110
VS x (254/256)
11111
111
VS x (255/256)
step/s
 INT_SPEED 2
18
–
tick
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com