Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 1 Page - STMicroelectronics

  POWERSTEP01TR Datasheet HTML 1Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 2Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 3Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 4Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 5Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 6Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 7Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 8Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
This is information on a product in full production.
June 2015
DocID025022 Rev 5
1/92
powerSTEP01
System-in-package integrating microstepping controller and
10 A power MOSFETs
Datasheet
- production data
Features
 Power system-in-package integrating a
programmable microstepping controller and 8
N-channel power MOSFETs.
 Operating voltage: 7.5 V - 85 V
 Dual full bridge with RDS(on) = 16 mΩ
 10 Ar.m.s. maximum output current
 Adjustable output slew rate
 Programmable speed profile
 Up to 1/128 microstepping
 Sensorless stall detection
 Integrated voltage regulators
 SPI interface
 Low quiescent standby currents
 Programmable non-dissipative overcurrent
protection
 Overtemperature protection
Applications
 High power bipolar stepper motor
– Stage lighting
– Surveillance systems
– Textile and sewing machines
– Pick and place machines
Description
The powerSTEP01 is a a system-in-package
integrating 8 N-channel 16 mΩ MOSFETs for
stepper applications up to 85 V with a SPI
programmable controller, providing fully digital
control of the motion through a speed profile
generation and positioning calculations.
It integrates a dual low RDS(on) full bridge with
embedded non-dissipative overcurrent protection.
The device can operate with both voltage mode
driving and advanced current control fitting
different application needs. The digital control
core can generate user defined motion profiles
with acceleration, deceleration, speed or a target
position easily programmed through a dedicated
register set. All application commands and data
registers, including those used to set analog
values (i.e. current protection trip point, deadtime,
PWM frequency, etc.) are sent through a standard
5-Mbit/s SPI. A very rich set of protections
(thermal, low bus voltage, overcurrent and motor
stall) make the powerSTEP01 “bullet proof”, as
required by the most demanding motor control
applications.
VFQFPN 11 x 14 mm
Table 1. Device summary
Order code
Package
Packing
POWERSTEP01
VFQFPN
11 x 14 x 1.0 mm
Tray
POWERSTEP01TR
VFQFPN
11 x 14 x 1.0 mm
Tape
and reel
www.st.com


Similar Part No. - POWERSTEP01TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERSO-10 STMICROELECTRONICS-POWERSO-10 Datasheet
85Kb / 5P
10LEADS POWER SMALL OUTLINE PACKAGE
Nov-2002
POWERSO-10ÆË STMICROELECTRONICS-POWERSO-10ÆË Datasheet
183Kb / 18P
HIGH SIDE DRIVER
Oct-2004
logo
Amkor Technology
POWERSOP AMKOR-POWERSOP Datasheet
311Kb / 2P
Power Small Outline Package,PowerSOP
POWERSOP2 AMKOR-POWERSOP2 Datasheet
367Kb / 2P
Exceptional performance through the innovative design of PSOPs offer
logo
STMicroelectronics
PowerSSO-36 STMICROELECTRONICS-PowerSSO-36 Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
More results

Similar Description - POWERSTEP01TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
POWER MOSFETS IN A TO-3 PACKAGE
logo
NXP Semiconductors
BGB203 PHILIPS-BGB203 Datasheet
1Mb / 24P
Bluetooth System-in-a-Package radio with baseband controller
Rev. 1.0-2005 July 28
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
In-System Programmable Power Supply Monitoring and Margining Controller
logo
Hamamatsu Corporation
C9404MC HAMAMATSU-C9404MC Datasheet
414Kb / 4P
Integrating optical system, image sensor and circuit
C9406GC HAMAMATSU-C9406GC Datasheet
420Kb / 4P
Integrating optical system, image sensor and circuit
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF_15 Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
January 14 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com