Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 15Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
DocID025022 Rev 5
19/92
powerSTEP01
Pin list
92
12
SDI
Logic input
Data input pin for serial interface
11
CK
Logic input
Serial interface clock
10
CS
Logic input
Chip select input pin for serial interface
15
BUSY
/SYNC
Open-drain
output
By default BUSY/SYNC pin is forced low when the device
is performing a command.
The pin can be programmed in order to generate
a synchronization signal.
16
FLAG
Open-drain
output
Status flag pin. An internal open-drain transistor can pull
the pin to GND when a programmed alarm condition
occurs (step loss, OCD, thermal pre-warning or shutdown,
UVLO, wrong command, non performable command).
19
STBY
/RESET
Logic input
Standby and reset pin. LOW logic level puts the device in
standby mode and reset logic.
If not used, should be connected to VREG
17
STCK
Logic input
Step clock input.
Table 5. Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com