Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
Typical applications
powerSTEP01
20/92
DocID025022 Rev 5
6
Typical applications
Table 6. Typical application values
Name
Value
CVSPOL
220 µF
CVS
220 nF
CBOOT
470 nF
CFLY
47 nF
CVSREG
100 nF
CVCC
470 nF
CVCCREG
100 nF
CVREG
100 nF
CVREGPOL
22 µF
CVDD
100 nF
D1
Charge pump diodes
RPU
39 k
RA
1.8 k
 (VS = 85 V)
RB
91 k
 (VS = 85 V)
RSENSEA
0.1
 (maximum Ipeak = 10 A)
RSENSEB
0.1
 (maximum Ipeak = 10 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com