Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 25Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 26Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
DocID025022 Rev 5
23/92
powerSTEP01
Functional description
92
Figure 5. Charge pump circuitry
7.4
Microstepping
The driver is able to divide the single step into up to 128 microsteps. Stepping mode can be
programmed by the STEP_SEL parameter in the STEP_MODE register (Table 27 on
page 61). In current mode driving the maximum microstepping resolution is 1/16th of the
step.
Step mode can only be changed when bridges are disabled. Every time the step mode is
changed, the electrical position (i. e. the point of microstepping sinewave that is generated)
is reset to zero and the absolute position counter value (Section 7.5) becomes meaningless.
Figure 6. Normal mode and microstepping (128 microsteps)
V
S
D2
V
CP
f
PUMP
to high-side
gate drivers
V
S
CP
V
D1
C
BOOT
C
FLY
D1
D2
VBOOT
CP
VDD
V
Charge pump oscillator
+ V
V
S
CP
V
D1
+ V
AM12827v1
step 1
step 1
step 2step 3step 4
step 1
Reset
position
step 1
step 2 step 3 step 4
Normal driving
Microstepping
PHASE A current
PHASE B current
PHASE A current
PHASE B current
microsteps
128
μsteps
128
μsteps
128
μsteps
128
μsteps
Reset
position
AM12828v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com