Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 78 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 74Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 75Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 76Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 77Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 78Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 79Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 80Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 81Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Programming manual
powerSTEP01
78/92
DocID025022 Rev 5
This command can be given only when the previous motion command as been completed
(BUSY flag released).
Any attempt to perform a GoTo command when a previous command is under execution
(BUSY low) causes the command to be ignored and the CMD_ERROR flag to rise
(Section 11.1.28 on page 71).
11.2.9
GoTo_DIR (DIR, ABS_POS)
The GoTo_DIR command produces a motion to ABS_POS absolute position imposing
a forward (DIR = '1') or a reverse (DIR = '0') rotation. The ABS_POS value is always in
agreement with the selected step mode; the parameter value unit is equal to the selected
step mode (full, half, quarter, etc.).
The GoTo_DIR command keeps the BUSY flag low until the target speed is reached. This
command can be given only when the previous motion command has been completed
(BUSY flag released).
Any attempt to perform a GoTo_DIR command when a previous command is under
execution (BUSY low) causes the command to be ignored and the CMD_ERROR flag to
rise (Section 11.1.28).
11.2.10
GoUntil (ACT, DIR, SPD)
The GoUntil command produces a motion at SPD speed imposing a forward (DIR = '1') or
a reverse (DIR = '0') direction. When an external switch turn-on event occurs (Section 7.14
on page 33), the ABS_POS register is reset (if ACT = '0') or the ABS_POS register value is
copied into the MARK register (if ACT = '1'); the system then performs a SoftStop command.
The SPD value is expressed in step/tick (format unsigned fixed point 0.28) that is the same
format as the SPEED register (Section 11.1.4 on page 53).
The SPD value should be lower than MAX_SPEED and greater than MIN_SPEED,
otherwise the target speed is imposed at MAX_SPEED or MIN_SPEED respectively.
Table 68. GoTo_DIR command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0110100
DIRFrom host
X
X
ABS_POS (byte 2)
From host
ABS_POS (byte 1)
From host
ABS_POS (byte 0)
From host
Table 69. GoUntil command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
0
ACT
0
1
DIR
From host
X
X
X
X
SPD (byte 2)
From host
SPD (byte 1)
From host
SPD (byte 0)
From host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com