Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 60Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 61Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 62Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 63Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 64Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 65Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 66Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 67Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Programming manual
powerSTEP01
64/92
DocID025022 Rev 5
The TCC parameter defines the duration of constant current phase during gate turn-on and
turn-off sequences (Section 7.16 on page 34).
The TBOOST parameter defines the duration of the overboost phase during gate turn-off
(Section 7.16).
The WD_EN bit enables the clock source monitoring (Section 7.8.2 on page 29).
11.1.26
GATECFG2
The GATECFG2 register has the following structure:
Table 35. TCC parameter
TCC [4 … 0]
Constant current time [ns]
000
00
125
000
01
250

1
1
1
0
0
3625
1
1
1
0
1
3750
1
1
1
1
0
3750
1
1
1
1
1
3750
Table 36. TBOOST parameter
TBOOST
[2 … 0]
Turn-off boost time
[ns]
00
0
0
00
1
62.5(1) / 83.3(2) / 125(3)
1. Clock frequency equal to 16 MHz or 32 MHz.
2. Clock frequency equal to 24 MHz.
3. Clock frequency equal to 8 MHz.
01
0
125
01
1
250
10
0
375
10
1
500
11
0
750
1
1
1
1000
Table 37. GATECFG2 register (voltage mode)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TBLANK
TDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com