Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 28Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 29Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 30Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 31Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 32Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 33Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 34Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 35Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Functional description
powerSTEP01
32/92
DocID025022 Rev 5
7.11
VS undervoltage lockout (UVLO_ADC)
The device provides an undervoltage signal of the integrated ADC input voltage (the
UVLO_ADC flag in the STATUS register). When VADCIN falls below the VADC,UVLO value the
UVLO_ADC flag is forced low and it is kept in this state until the ADCIN voltage is greater
than VADC,UVLO and a GetStatus command is sent to the device.
The ADCIN undervoltage event doesn’t turn-off the power bridges.
The motor supply voltage undervoltage detection can be performed by means of this
feature, connecting the ADCIN pin to VS through a voltage divider as described in
Section 8.5 on page 41.
7.12
Thermal warning and thermal shutdown
An integrated sensor allows detection of the internal temperature and implementation of
a 3-level protection.
When the Tj(WRN)Set threshold is reached, a warning signal is generated. This is the thermal
warning condition and it expires when the temperature falls below the Tj(WRN)Rel threshold.
When the Tj(OFF)Set threshold is reached, all the MOSFETs are turned off and the gate
driving circuitry is disabled (Miller clamps are still operative). This condition expires when
the temperature falls below the Tj(OFF)Rel threshold.
When the Tj(SD)OFF threshold is reached, all the MOSFETs are turned off using Miller
clamps, the internal VCC voltage regulator is disabled and the current capability of the
internal VREG voltage regulator is reduced (thermal shutdown). In this condition logic is still
active (if supplied). The thermal shutdown condition only expires when the temperature
goes below Tj(SD)ON.
The thermal condition of the device is shown by TH_STATUS bits in the STATUS register
(Table 9).
Table 8. UVLO thresholds
UVLOVAL
01
Low-side gate driver supply turn-off threshold (VCCthOff)
6.3 V
10 V
Low-side gate driver supply turn-on threshold (VCCthOn)
6.9 V
10.4 V
High-side gate driver supply turn-off threshold (
VBOOTthOff)
5.5 V
8.8 V
High-side gate driver supply turn-on threshold (
VBOOTthOn)
6 V
9.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com