Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 66 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 62Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 63Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 64Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 65Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 66Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 67Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 68Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 69Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Programming manual
powerSTEP01
66/92
DocID025022 Rev 5
11.1.27
CONFIG
The CONFIG register has the following structure:
The OSC_SEL and EXT_CLK bits set the system clock source:
Table 40. CONFIG register
CM_VM
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0
F_PWM_INT
F_PWM_DEC
VCCVAL
UVLOVAL
1
PRED_EN
TSW
VCCVAL
UVLOVAL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
OC_SD
EN_VSCOMP SW_MODE EXT_CLK
OSC_SEL
1
OC_SD
EN_TQREG
SW_MODE EXT_CLK
OSC_SEL
Table 41. Oscillator management
EXT_CLK
OSC_SEL [2 … 0]
Clock source
OSCIN
OSCOUT
0
000
Internal oscillator: 16 MHz
Unused
Unused
0
001
0
010
0
011
1
0
0
0
Internal oscillator: 16 MHz
Unused
Supplies a 2 MHz
clock
1
0
0
1
Internal oscillator: 16 MHz
Unused
Supplies a 4 MHz
clock
1
0
1
0
Internal oscillator: 16 MHz
Unused
Supplies a 8 MHz
clock
1
0
1
1
Internal oscillator: 16 MHz
Unused
Supplies a 16 MHz
clock
0
100
External crystal or resonator:
8 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0
101
External crystal or resonator:
16 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0
110
External crystal or resonator:
24 MHz
Crystal/resonator
driving
Crystal/resonator
driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com