Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 47Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 48Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 49Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 50Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 51Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 52Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 53Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 54Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
DocID025022 Rev 5
51/92
powerSTEP01
Programming manual
92
11
Programming manual
11.1
Register and flag description
Following a map of the user available registers (detailed description in respective
paragraphs):
Table 12. Register map
Address
[Hex]
Register
name
Register
function
Length
[bit]
Reset
[Hex]
Reset value
Remarks
(1)
General configuration
h01
ABS_POS
Current position
22
000000
0
R, WS
h02
EL_POS
Electrical position
9
000
0
R, WS
h03
MARK
Mark position
22
000000
0
R, WR
h04
SPEED
Current speed
20
00000
0 step/tick (0 step/s)
R
h05
ACC
Acceleration
12
08A
125.5e-12 step/tick2 (2008 step/s2)R, WS
h06
DEC
Deceleration
12
08A
125.5e-12 step/tick2 (2008 step/s2)R, WS
h07
MAX_SPEED Maximum speed
10
041
248e-6 step/tick (991.8 step/s)
R, WR
h08
MIN_SPEED
Minimum speed
12
000
0 step/tick (0 step/s)
R, WS
h12
ADC_OUT
ADC output
5
XX(2)0
R
h13
OCD_TH
OCD threshold
5
8
TBD
R, WR
h15
FS_SPD
Full-step speed
11
027
150.7e-6 step/tick (602.7 step/s)
R, WR
h16
STEP_MODE
Step mode
8
7
BUSY/SYNC output used as BUSY,
128 microsteps, voltage mode
R, WH
h17
ALARM_EN
Alarm enables
8
FF
All alarms enabled
R, WS
h18
GATECFG1
Gate driver
configuration
11
TBD
Igate = 4 mA, tCC = 125 ns,
no boost
R, WH
h19
GATECFG2
Gate driver
configuration
8TBD
tBLANK = 125 ns, tDT = 125 ns
R, WH
h1B
STATUS
Status
16
XXXX
(2)
High impedance state, motor
stopped, reverse direction, all fault
flags released UVLO/reset flag set
R
h1A
CONFIG
IC configuration
16
TBD
Internal 16 MHz oscillator
(OSCOUT at 2 MHz), SW event
causes HardStop, overcurrent
shutdown, VCC = 7.5 V, UVLO
threshold low
R, WH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com