Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 12Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 13Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 14Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 15Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Electrical characteristics
powerSTEP01
16/92
DocID025022 Rev 5
IREGOUT,STBY
Internal VREG voltage regulator output
standby current
55
mA
PREG
Internal VREG voltage regulator power
dissipation
0.5
W
Integrated analog to digital converter
NADC
Analog to digital converter resolution
5
bit
VADC,ref
Analog to digital converter reference
voltage
3.3
V
fS
Analog to digital converter sampling
frequency
Voltage mode(2)
fPWM
kHz
Current mode(2)
fOSC/512
kHz
VADC,UVLO ADCIN UVLO threshold
1.05
1.16
1.35
V
1. Guaranteed in the temperature range -25 to 125
°C.
2. The value accuracy is dependent on oscillator frequency accuracy (Section 7.8 on page 29).
3. FLAG and BUSY open-drain outputs included.
4.
See Figure 25 on page 49.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com