Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 9Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 10Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 11Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 12Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 13Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 14Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 15Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DocID025022 Rev 5
13/92
powerSTEP01
Electrical characteristics
92
RpumpHS
Charge pump high-side RDS(on)
resistance
10
RpumpLS
Charge pump low-side RDS(on)
resistance
10
Iboot
Average boot current
2.6
mA
Power outputs
RDS(on)
High-side and low-side on resistance
VCC = 15 V at 25 °C
16
21
m
At 125 °C
23
SROUT
Output slew rate
IGATE = 96 mA
980
V/
s
IGATE = 32 mA
520
IDSS
Leakage current
OUT = VS
0.1
mA
OUT = GND
-0.1
mA
Deadtime and blanking
tDT
Programmable deadtime2
TDT = '00000'
125
ns
TDT =’11111’
4000
tblank
Programmable blanking time2
TBLANK = '000'
125
ns
TBLANK =’111’
1000
Logic
VIL
Low level logic input voltage
0.8
V
VIH
High level logic input voltage
2
V
IIH
High level logic input current
VIN = 5 V, VDD = 5 V
1
µA
IIL
Low level logic input current
VIN = 0 V, VDD = 5 V
-1
µA
VOL
Low level logic output voltage(3)
VDD = 3.3 V, IOL = 4 mA
0.3
V
VDD = 5 V, IOL = 4 mA
0.3
VOH
High level logic output voltage
VDD = 3.3 V, IOH = 4 mA
2.4
V
VDD = 5 V, IOH = 4 mA
4.7
RPUCS
CS pull-up resistor
430
k
RPDRST
STBY/RESET pull-down resistor
450
RPUSW
CS pull-up resistor
80
thigh,STCK
Step-clock input high time
300
ns
tlow,STCK
Step-clock input low time
300
ns
Internal oscillator and external oscillator driver
fosc,int
Internal oscillator frequency
Tj = 25 °C
-5%
16
+5% MHz
fosc,ext
Programmable external oscillator
frequency
832
MHz
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com