Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 38Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 39Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 40Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 41Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 42Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 43Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 44Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 45Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Phase current control: voltage mode
powerSTEP01
42/92
DocID025022 Rev 5
Motor supply voltage compensation can be enabled setting high the EN_VSCOMP bit of the
CONFIG register (seeTable 46 on page 68). If the EN_VSCOMP bit is low, the
compensation is disabled and the internal analog to digital converter is at the user’s
disposal; the sampling rate is always equal to PWM frequency.
8.6
Winding resistance thermal drift compensation
The higher the winding resistance the greater the voltage to be applied in order to obtain the
same phase current.
The powerSTEP01 integrates a register (K_THERM) which can be used to compensate
phase resistance increment due to temperature rising.
The value in the K_THERM register (Section 11.1.15 on page 57) multiplies duty cycle value
allowing the higher phase resistance value to be faced.
The compensation algorithm and the eventual motor temperature measurement should be
implemented by microcontroller firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com