Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 25Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 26Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 27Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 28Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
DocID025022 Rev 5
25/92
powerSTEP01
Functional description
92
Figure 8. Automatic Full-step switching in Boost mode
7.5
Absolute position counter
An internal 22-bit register (ABS_POS) records all the motor motions according to the
selected step mode; the stored value unit is equal to the selected step mode (full, half,
quarter, etc.). The position range is from -221 to +221-1 steps (see Section 11.1.1 on page
53).
7.6
Programmable speed profiles
The user can easily program a customized speed profile defining independently
acceleration, deceleration, maximum and minimum speed values by ACC, DEC,
MAX_SPEED and MIN_SPEED registers respectively (see Section 11.1.5 on page 54,
11.1.6 on page 54, 11.1.7 on page 54 and 11.1.8 on page 55).
When a command is sent to the device, the integrated logic generates the microstep
frequency profile that performs a motor motion compliant to speed profile boundaries.
All acceleration parameters are expressed in step/tick2 and all speed parameters are
expressed in step/tick; the unit of measurement does not depend on the selected step
mode. Acceleration and deceleration parameters range from 2-40 to (212-2) · 2-40 step/tick2
(equivalent to 14.55 to 59590 step/s2).
Minimum speed parameter ranges from 0 to (212-1) · 2-24 step/tick (equivalent to 0 to 976.3
step/s).
Maximum speed parameter ranges from 2-18 to (210-1) · 2-18 step/tick (equivalent to 15.25 to
15610 step/s).
Phase A
Phase B
(2N+1) x π /4
(2N+1) x π/4
Full-step
Microstepping
Microstepping
V
peak
V
peak
AM12850v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com