Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 62 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 58Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 59Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 60Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 61Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 62Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 63Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 64Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 65Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Programming manual
powerSTEP01
62/92
DocID025022 Rev 5
STEP_SEL selects one of eight possible stepping modes:
Every time the step mode changes, the electrical position (i.e.: the point of microstepping
sinewave that is generated) resets at the first microstep.
It is important to note that every time STEP_SEL changes, the value in ABS_POS register
loses meaning and then it should be reset.
When sync clock is disabled, BUSY/SYNC output is used as BUSY (command state
machine busy signaling), otherwise BUSY/SYNC output provides a clock signal according
to SYNC_SEL parameter.
Any attempt to write to the register, when the motor is running, causes the command to be
ignored and the CMD_ERROR to rise (see Section 11.1.28 on page 71).
Table 29. Step mode selection
STEP_SEL[2 … 0]
Step mode (CM_VM = 0)
Step mode (CM_VM = 1)
000
Full-step
Full-step
0
0
1
Half-step
Half-step
0
1
0
1/4 microstep
1/4 microstep
0
1
1
1/8 microstep
1/8 microstep
1
0
0
1/16 microstep
1/16 microstep
1
0
1
1/32 microstep
1/16 microstep
1
1
0
1/64 microstep
1/16 microstep
1
1
1
1/128 microstep
1/16 microstep
Table 30. Sync clock enable
SYNC_EN
Sync clock
0
Disabled
1
Enabled
Table 31. Sync clock selection
SYNC_SEL[2 … 0]
Step information (CM_VM = 0)
Step information (CM_VM = 1)
0
0
0
Full-step
Full-step
0
0
1
Half-step
Half-step
0
1
0
1/4 microstep
1/4 microstep
0
1
1
1/8 microstep
1/8 microstep
1
0
0
1/16 microstep
1/16 microstep
1
0
1
1/32 microstep
Always low
1
1
0
1/64 microstep
Always low
1
1
1
1/128 microstep
Always low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com