Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 32Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 33Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 34Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 35Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 36Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 37Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 38Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 39Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
Functional description
powerSTEP01
36/92
DocID025022 Rev 5
7.19
Supply management and internal voltage regulators
The powerSTEP01 integrates two linear voltage regulators: the first one can be used to
obtain gate driver supply starting from a higher voltage (e.g.: the motor supply one). Its
output voltage can be set to 7.5 V or 15 V according to the VCCVAL bit value (CONFIG
register). The second linear voltage regulator can be used to obtain the 3.3 V logic supply
voltage.
The regulator is designed to supply the internal circuitry of the IC and should not be used to
supply external components.
The input and output voltages of both regulators are connected to external pins and the
regulators are totally independent: in this way a very flexible supply management can be
performed using external components or external supply voltages (Figure 15).
Figure 15. Device supply pin management
If VCC is externally supplied, the VSREG and VCC pins must be shorted (VSREG must be
compliant with VCC range).
If VREG is externally supplied, the VCCREG and VREG pins must be shorted and equal to
3.3 V.
VSREG must be always less than VBOOT in order to avoid related ESD protection diode turn-
on. The device can be protected from this event by adding an external low drop diode
between the VSREG and VS pins, charge pump diodes should be low drop too.
VCCREG must be always less than VCC in order to avoid ESD protection diode turn-on. The
device can be protected from this event by adding an external low drop diode between the
VCCREG and VSREG pins.
Both regulators provide a short circuit protection limiting the load current within the
respective maximum ratings.
VBOOT
CP
VS
VSREG
V
CC
VCCREG
VREG
7V5 - 15V
3V3
VBOOT
CP
VS
VSREG
V
CC
VCCREG
VREG
7V5 - 15V
3V3
VBUS
Using external components
(zener diodes, resistors, ...) it
is possible to reduce internal
power dissipation constrains.
VBUS
VCC
3.3 V
All voltages are internally generated
All voltages are externally supplied
AM12834v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com