Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 86 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 82Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 83Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 84Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 85Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 86Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 87Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 88Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 89Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Package information
powerSTEP01
86/92
DocID025022 Rev 5
Table 80. VFQFPN 11 x 14 x 1.0 - 9 die pads - 89 leads(1), (2), (3), (4), (5)
1. The pin #1 identifier must exist on the top surface of the package by using indentation mark or other
feature of package body. Exact shape and size of this feature is optional.
2. Dimensioning and tolerances conform to ASME Y14.5-2009.
3. All dimensions are in millimeters.
4. The location of the marked terminal #1 identifier is within the hatched area.
5.
Coplanarity applies to the terminals and all other bottom surface metalization.
Symbol
Dimensions (mm)
Note
Min.
Typ.
Max.
A
0.80
0.90
1.00
(6)
6. VFQFPN stands for “Thermally Enhanced Very thin Fine pitch Quad Flat Packages No lead”.
Very thin: 0.80 mm < A·1.00 mm / fine pitch: e < 1.00 mm.
A1
0.00
0.02
0.05
A3
---
0.20 ref.
---
b
0.15
0.2
0.25
(7)
7. Dimension b applies to the metalized terminal and is measured between 0.15 mm and 0.30 mm from the
terminal tip. If the terminal has a radius on the other end of it, dimension b should not be measured in that
radius area.
D
10.90
11.00
11.10
E
13.90
14.00
14.10
D1
2.00
2.15
2.25
E1
2.70
2.85
2.95
D2
5.35
5.50
5.60
E2
4.54
4.69
4.79
D3
2.17
2.32
2.42
E3
2.88
3.03
3.13
D4
1.01
1.16
1.26
E4
0.54
0.69
0.79
L
0.3
0.4
0.5
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
N
89
(8)
8. N is the total number of terminals.
LF part no.
443448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com