Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 11Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 12Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 13Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 14Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 15Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
DocID025022 Rev 5
15/92
powerSTEP01
Electrical characteristics
92
Overcurrent protection
VOCD
Programmable overcurrent detection
voltage VDS threshold
OCD_TH = ‘00000’
27
31
35
mV
OCD_TH = ‘01001’
270
312.5
344
mV
OCD_TH = ‘10011’
500
625
688
mV
OCD_TH = '11111'
800
1000
1100 mV
tOCD,Comp
OCD comparator delay
100
200
ns
tOCD,Flag
OCD to flag signal delay time
230
530
ns
tOCD,SD
OCD to shutdown delay time
Igate = 4 mA, tCC = maximum
4200
6000
ns
Stall detection
VSTALL
Programmable stall detection VDS
voltage threshold
STALL_TH = '11111'
1000
mV
STALL_TH = '00000'
31
Standby
ISTBY
Standby mode supply current (VSREG
pin)
VCC = VCCREG = 7.5 V
VSREG = 48 V
42
µA
VCC = VCCREG = 7.5 V
VSREG = 18 V
37.5
ISTBY,reg
Standby mode supply current (VREG
pin)
6µA
tSTBY,min
Minimum standby time
0.5
ms
tlogicwu
Logic power-on and wake-up time
500
µs
tcpwu
Charge pump power-on and wake-up
time
Power bridges disabled,
Cp = 10 nF, Cboot = 220 nF,
VCC = 15 V
1ms
Internal voltage regulators
VCCOUT
Internal VCC voltage regulator output
voltage
Low (default), ICC = 10 mA
7.3
7.5
V
High, ICC = 10 mA
14
15
VSREG, drop VSREG to VCC dropout voltage
ICC = 50 mA
3
V
PCC
Internal VCC voltage regulator power
dissipation
2.5
W
VREGOUT
Internal VREG voltage regulator output
voltage
IREG = 10 mA
3.13
5
3.3
V
VCCREG, drop VCCREG to VREG dropout voltage
IREG = 50 mA
3
V
IREGOUT
Internal VREG voltage regulator output
current
125
mA
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com