Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 6Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 7Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 8Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 9Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 10Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 11Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 12Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 13Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Electrical data
powerSTEP01
10/92
DocID025022 Rev 5
2
Electrical data
2.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
VDD
Logic interface supply voltage
5.5
V
VREG
Logic supply voltage
3.6
VS
Motor supply voltage
95
V
VCC
Low-side gate driver supply voltage
18
V
VBOOT
Boot voltage
100
V
VBOOT
High-side gate driver supply voltage
(VBOOT - VS)
0 to 20
V
VSREG
Internal VCC regulator supply voltage
95
V
VCCREG
Internal VREG regulator supply voltage
18
V
VOUT1A
VOUT2A
VOUT1B
VOUT2B
Output voltage
DC
-5 to VBOOT
V
AC
-15 to VBOOT
IOUT1A
IOUT2A
IOUT1B
IOUT2B
Output current
DC
10
Ar.m.s.
SRout
Full bridge output slew rate (10% - 90%)
10
V/ns
VADCIN
Integrated ADC input voltage range
(ADCIN pin)
-0.3 to 3.6
V
Vout_diff
Differential voltage between VBOOT, VS,
OUT1A, OUT2A, PGND and VBOOT, VS,
OUT1B, OUT2B, PGND pins
100
V
Vin
Logic input voltage range
-0.3 to 5.5
V
TOP Ts
Storage and operating junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com