Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 67 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 63Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 64Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 65Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 66Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 67Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 68Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 69Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 70Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
DocID025022 Rev 5
67/92
powerSTEP01
Programming manual
92
The SW_MODE bit sets the external switch to act as HardStop interrupt or not:
The OC_SD bit sets if an overcurrent event causes or not the bridges to turn-off; the OCD
flag in status register is forced low anyway:
The VCCVAL bit set the internal VCC regulator output voltage:
0
111
External crystal or resonator:
32 MHz
Crystal/resonator
driving
Crystal/resonator
driving
1
100
Ext clock source: 8 MHz
(crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
101
External clock source: 16
MHz (crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
110
External clock source: 24
MHz (crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
111
External clock source: 32
MHz (crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
Table 41. Oscillator management (continued)
EXT_CLK
OSC_SEL [2 … 0]
Clock source
OSCIN
OSCOUT
Table 42. External switch hard stop interrupt mode
SW_MODE
Switch mode
0
HardStop interrupt
1
User disposal
Table 43. Overcurrent event
OC_SD
Overcurrent event
1
Bridges shut down
0
Bridges do not shut down
Table 44. Programmable VCC voltage regulator output
VCCVAL
VCC voltage
0
7.5 V
115 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com