Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 27Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 28Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 29Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 30Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 31Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 32Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 33Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 34Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
DocID025022 Rev 5
31/92
powerSTEP01
Functional description
92
Figure 13. Overcurrent detection - principle scheme
The overcurrent detection comparators are disabled, in order to avoid wrong voltage
measurements, in following cases:
The respective half-bridge is in high impedance state (both MOSFETs forced off);
The respective half-bridge is commutating;
The respective half-bridge is commutated and the programmed blanking time is not
elapsed yet;
The respective gate is turned off.
It is possible to set if an overcurrent event causes the bridges turn-off or not through the
OC_SD bit in CONFIG register.
When the power bridges are turned off by an overcurrent event, they cannot be turned on
until the OCD flag is released by a GetStatus command.
7.10
Undervoltage lockout (UVLO)
The powerSTEP01 provides a programmable gate driver supply voltage UVLO protection.
When one of the supply voltages of the gate driver (VCC for the low-sides and VBOOT - VS
for the high-sides) falls below the respective turn-off threshold, an undervoltage event
occurs. In this case, all MOSFETs are immediately turned off and the UVLO flag in the
STATUS register is forced low.
The UVLO flag is forced low and the MOSFETs are kept off until the gate driver supply
voltages return to above the respective turn-on threshold; in this case the undervoltage
event expires and the UVLO flag can be released through a GetStatus command.
The UVLO thresholds can be selected between two sets according to the UVLOVAL bit
value in the CONFIG register.
OUTxx
+
-
+
-
BLANKING
OCD_HSxx
OCD_LSxx
CURRENT
DAC
OC
THRESHOLD
GND
VS
GND
LOGIC CORE
Voltage
Comparator
Voltage
Comparator
AM16762v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com