Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 43Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 44Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 45Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 46Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 47Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 48Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 49Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 50Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
DocID025022 Rev 5
47/92
powerSTEP01
Phase current control: current mode
92
Figure 23. Fast decay tuning during the falling steps
9.4
Torque regulation (setting the output current)
The phase currents are monitored through two shunt resistors (one for each power bridge)
connected to the respective sense pin (see Figure 24). The integrated comparator
compares the sense resistor voltage with the internal reference generated using the peak
value, which is proportional to the output current amplitude, and the microstepping code.
The comparison result is provided to the logic in order to implement the current control
algorithm as described in previous sections.
The peak reference voltage can be regulated in two ways: writing TVAL_ACC, TVAL_DEC,
TVAL_RUN and TVAL_HOLD registers or varying the ADCIN voltage value.
The EN_TQREG bit (CONFIG register) sets the torque regulation method. If this bit is high,
ADC_OUT prevalue is used to regulate output current amplitude (see Table 24 on page 60).
Otherwise the internal analog-to-digital converter is at the user’s disposal and the output
current amplitude is managed by TVAL_HOLD, TVAL_RUN, TVAL_ACC and TVAL_DEC
registers (see Table 18 on page 58).
The voltage applied to the ADCIN pin is sampled at fS frequency and converted in an NADC
bit digital signal. The analog-to-digital conversion result is available in the ADC_OUT
register.
Falling step
1st fast decay:
tFALL = FALL_STEP/4
Falling step
1st fast decay:
t
FALL= FALL_STEP/2
2 nd fast decay:
t
FALL= FALL_STEP/2
Time
reference current
AM15052v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com