Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 58 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 54Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 55Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 56Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 57Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 58Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 59Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 60Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 61Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
Programming manual
powerSTEP01
58/92
DocID025022 Rev 5
11.1.16
TVAL_HOLD, TVAL_RUN, TVAL_ACC and TVAL_DEC
These registers are specific for current mode driving (see Section 9 on page 43).
The TVAL_HOLD register contains the reference voltage that is assigned to the torque
regulation DAC when the motor is stopped.
The TVAL_RUN register contains the reference voltage that is assigned to the torque
regulation DAC when the motor is running at constant speed.
The TVAL_ACC register contains the reference voltage that is assigned to the torque
regulation DAC during acceleration.
The TVAL_DEC register contains the reference voltage that is assigned to the torque
regulation DAC during deceleration.
The available range is from 7.8 mV to 1 V with a resolution of 7.8 mV, as shown in Table 16.
11.1.17
T_FAST
This register is specific for current mode driving (see Section 9).
The T_FAST register contains the maximum fast decay time (TOFF_FAST) and the
maximum fall step time (FALL_STEP) used by the current control system (Section 9.2 on
page 44 and Section 9.3 on page 46 for details):
The available range for both parameters is from 2 µs to 32 µs.
Table 18. Torque regulation by TVAL_HOLD, TVAL_ACC, TVAL_DEC and TVAL_RUN
registers
TVAL_X [6…0]
Peak reference voltage
00000
00
7.8 mV
00000
01
15.6 mV
11111
10
992.2 mV
11111
11
1 V
Table 19. T_FAST register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TOFF_FAST
FAST_STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com