Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
DocID025022 Rev 5
21/92
powerSTEP01
Typical applications
92
Figure 3. Typical application schematic - voltage mode
Figure 4. Typical application schematic - current mode
OUTA1
OUTA2
OUTB1
OUTB2
VS
VS
CP
VBOOT
VSREG
VCC
VDDIO
GND
VREG
FLAG
BUSY\SYNC
STBY\RESET
STCK
CS
CK
SDO
SDI
SW
OSCIN
OSCOUT
VCCREG
ADCIN
VS
SENSEA_P
SENSEB_P
powerSTEP01
C
FLY
C
VS
C
VCC
C
VCCREG
C
VDD
C
VSREG
C
BOOT
C
VSPOL
C
VS
VS
C
VREG
CVREGPOL
(10.5V - 85V)
D1
Motor
SENSEA_S
SENSEB_S
R
B
R
A
R
PU
R
PU
HOST
AM16760v1
OUTA1
OUTA2
OUTB1
OUTB2
VS
VS
CP
VBOOT
VSREG
VCC
VDDIO
GND
VREG
FLAG
BUSY\SYNC
STBY\RESET
STCK
CS
CK
SDO
SDI
SW
OSCIN
OSCOUT
VCCREG
ADCIN
VS
SENSEA_P
SENSEB_P
C
FLY
C
VS
C
VCC
C
VCCREG
C
VDD
C
VSREG
C
BOOT
C
VSPOL
C
VS
VS
C
VREG
CVREGPOL
)
V
5
8
-
V
5
.
0
1
(
D1
Motor
SENSEA_S
SENSEB_S
R
B
R
A
R
SENSEA
R
PU
R
PU
HOST
R
SENSEB
powerSTEP01
AM16761v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com