Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 14Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 15Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 16Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 17Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 18Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 19Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Pin list
powerSTEP01
18/92
DocID025022 Rev 5
5
Pin list
Table 5. Pin description
No.
Name
Type
Function
1, 2, 3, 4, 5, 6, 23, 24,
25, 26, 27, 28, 29, 30,
31, 32, 43, 44, 45, 46,
47, 48, 49, 50, 51, 52,
66, 67, 68, 69, 70, 71,
72, 73, 74, 75, 86, 87,
88, 89, EPAD1,
EPAD2, EPAD5,
EPAD6
VS
Supply
Motor supply voltage (drain of the high-side MOSFETs)
38, 42, 53, EPAD4
OUTA1
Power output
Half-bridge A1 output
22, 33, 37, EPAD3
OUTA2
Power output
Half-bridge A2 output
65, 76, 80, EPAD7
OUTB1
Power output
Half-bridge B1 output
7, 81, 85, EPAD8
OUTB2
Power output
Half-bridge B2 output
8, 21, 59, EPAD9
GND
Ground
Ground
34, 35, 36, 39, 40, 41,
EPAD10, EPAD11
SENSEA_P
Sense
(power)
Tail of full bridge A (source of the respective low-side
MOSFETs)
20
SENSEA_S
Analog input
Current control comparator input
77, 78, 79, 82, 83, 84,
EPAD12, EPAD13
SENSEB_P
Sense
(power)
Tail of full bridge B (source of the respective low-side
MOSFETs)
9
SENSEB_S
Analog input
Current control comparator input
60
VCCREG
Power supply
Internal VREG voltage regulator supply voltage
62
VREG
Power supply
Logic supply voltage
13
VDDIO
Power supply
Logic interface supply voltage
61
VSREG
Power supply
Internal VCC voltage regulator supply voltage
58
VCC
Power supply
Gate driver supply voltage
63
OSCIN
Analog input
Oscillator pin 1. To connect an external oscillator or clock
source.
64
OSCOUT
Analog output
Oscillator pin 2. To connect an external oscillator. When
the internal oscillator is used this pin can supply a 2/4/8/16
MHz clock.
57
CP
Output
Charge pump oscillator output
56
VBOOT
Power supply
Bootstrap voltage needed for driving the high-side power
DMOS of both bridges (A and B).
54
ADCIN
Analog input
Internal analog to digital converter input
55
VS
Power supply
Motor supply voltage
18
SW
Logical input
External switch input pin
14
SDO
Logic output
Data output pin for serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com