Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 20Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 21Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 22Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 23Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 24Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 25Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 26Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 27Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Functional description
powerSTEP01
24/92
DocID025022 Rev 5
Automatic Full-step and Boost modes
When motor speed is greater than a programmable full-step speed threshold, the device
switches automatically to Full-step mode; the driving mode returns to microstepping when
motor speed decreases below the full-step speed threshold.
The switching between the microstepping and Full-step mode and vice-versa is always
performed at an electrical position multiple of
/4 (Figure 7 and Figure 8).
Full-step speed threshold is set through the related parameter in the FS_SPD register
(Section 11.1.9 on page 55).
When the BOOST_MODE bit of the FS_SPD register is low (default), the amplitude of the
voltage squarewave in Full-step mode is equal to the peak of the voltage sinewave
multiplied by sine(
/4) (Figure 7). This avoids the current drop between the two driving
modes.
When the BOOST_MODE bit of the FS_SPD register is high, the amplitude of the voltage
squarewave in Full-step mode is equal to the peak of the voltage sinewave (Figure 8). That
improves the output current increasing the maximum motor torque.
Figure 7. Automatic Full-step switching in Normal mode
Phase A
Phase B
(2N+1) x π /4
(2N+1) x π /4
Full-step
Microstepping
Microstepping
V
peak
sin(π /4)x V
peak
AM12829v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com