Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # POWERSTEP01TR
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 31Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 32Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 33Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 34Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 35Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 36Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 37Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 38Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
DocID025022 Rev 5
35/92
powerSTEP01
Functional description
92
The gate current can be set to one of following values: 4, 8, 16, 24, 32, 64 and 96 mA
through the IGATE parameter in the GATECFG1 register.
Controlled current time can be programmed within range from 125 ns to 3.75
s with
a resolution 125 ns (TCC parameter in GATECFG1 register).
Turn-off overboost time can be set to one of following values: 0, 62.5, 125, 250 ns (TBOOST
parameter in GATECFG1 register). The 62.5 ns value is only available when clock
frequency is 16 MHz or 32 MHz; when clock frequency is 8 MHz it is changed to 125 ns and
when a 24 MHz clock is used it is changed to 83.3 ns.
7.17
Deadtime and blanking time
During the bridge commutation, a deadtime is added in order to avoid cross conductions.
The deadtime can be programmed within a range from 125 ns to 4
s with a resolution of
125 ns (TDT parameter in the GATECFG2 register) (see Section 11.1.26 on page 64).
At the end of each commutation the overcurrent and stall detection comparators are
disabled (blanking) in order to avoid the respective systems detecting body diodes turn-off
current peaks.
The duration of blanking time is programmable through the TBLANK parameter in the
GATECFG2 register at one of the following values: 125, 250, 375, 500, 625, 750, 875, 1000
ns (see Section 11.1.26).
7.18
Integrated analog-to-digital converter
The powerSTEP01 integrates an NADC bit ramp-compare analog to digital converter with a
reference voltage equal to VREG. The analog to digital converter input is available through
the ADCIN pin and the conversion result is available in the ADC_OUT register
(Section 11.1.20 on page 60).
The ADC_OUT value can be used for motor supply voltage compensation or can be at the
user’s disposal.
Table 11. Output slew rate
Slew rate
(VS = 48 V)
Igate
tCC
tDT
tblank
tboost
980 V/µs
96 mA
375 ns
125 ns
500 ns
0 ns
790 V/µs
64 mA
500 ns
125 ns
375 ns
0 ns
520 V/µs
32 mA
875 ns
125 ns
250 ns
0 ns
400 V/µs
24 mA
1000 ns
125 ns
250 ns
0 ns
220 V/µs
16 mA
1600 ns
125 ns
250 ns
0 ns
114 V/µs
8 mA
3125 ns
125 ns
250 ns
0 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com