Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 27Page - Infineon Technologies AG PEB2256HT Datasheet HTML 28Page - Infineon Technologies AG PEB2256HT Datasheet HTML 29Page - Infineon Technologies AG PEB2256HT Datasheet HTML 30Page - Infineon Technologies AG PEB2256HT Datasheet HTML 31Page - Infineon Technologies AG PEB2256HT Datasheet HTML 32Page - Infineon Technologies AG PEB2256HT Datasheet HTML 33Page - Infineon Technologies AG PEB2256HT Datasheet HTML 34Page - Infineon Technologies AG PEB2256HT Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
31
2002-08-27
11
E1
IM
I + PU
Interface Mode
The level at this pin defines the bus interface
mode:
A low signal on this input selects the Intel
interface mode. A high signal on this input
selects the Motorola interface mode.
54
D9
CS
I + PU
Chip Select
A low signal selects the FALC
®56 for read and
write operations. This allows to connect
multiple devices to a single data/address bus.
55
C9
BHE/
BLE
I + PU
Bus High Enable (Intel bus mode)
If 16-bit bus interface mode is enabled, this
signal indicates a data transfer on the upper
byte of the data bus D(15:8). In 8-bit bus
interface mode this signal has no function and
should be tied to
V
DD or left open.
Bus Low Enable (Motorola bus mode)
If 16-bit bus interface mode is enabled, this
signal indicates a data transfer on the lower
byte of the data bus D(7:0). In 8-bit bus
interface mode this signal has no function and
should be tied to
V
DD or left open.
57
C7
INT
O/oD
INTerrupt Request
INT serves as general interrupt request for all
interrupt sources. These interrupt sources can
be masked via registers IMR(5:0). Interrupt
status is reported via registers GIS (Global
Interrupt Status) and ISR(5:0).
Output characteristics (push-pull active low/
high, open drain) are determined by
programming register IPC.
(oD = open drain output)
Table 1
Pin Definitions - Microprocessor Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com