Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG PEB2256HT Datasheet HTML 68Page - Infineon Technologies AG PEB2256HT Datasheet HTML 69Page - Infineon Technologies AG PEB2256HT Datasheet HTML 70Page - Infineon Technologies AG PEB2256HT Datasheet HTML 71Page - Infineon Technologies AG PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG PEB2256HT Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
71
2002-08-27
• Frame alignment between system frame and receive route frame
• Reporting and controlling of slips
Controlled by special signals generated by the receiver, the unipolar bit stream is
converted into bit-parallel data which is circularly written to the elastic buffer using
internally generated receive route clock (RCLK).
Reading of stored data is controlled by the system clock sourced by SCLKR or by the
receive jitter attenuator and the synchronization pulse (SYPR) together with the
programmed offset values for the receive time slot/clock slot counters. After conversion
into a serial data stream, the data is given out on port RDO. If the receive buffer is
bypassed programming of the time slot offset is disabled and data is clocked off with
RCLK instead of SCLKR.
In one frame or short buffer mode the delay through the receive buffer is reduced to an
average delay of 128 or 46 bits. In bypass mode the time slot assigner is disabled. In this
case SYPR programmed as input is ignored. Slips are performed in all buffer modes
except the bypass mode. After a slip is detected the read pointer is adjusted to one half
of the current buffer size.
The following table gives an overview of the receive buffer operating mode.
I
In single frame mode (SIC1.RBS), values of receive time slot offset (RC1/0) have to be
specified great enough to prevent too great approach of frame begin of line side and
frame begin of system side.
Figure 19 gives an idea of operation of the receive elastic buffer:
A slip condition is detected when the write pointer (W) and the read pointer (R) of the
memory are nearly coincident, i.e. the read pointer is within the slip limits (S +, S –). If a
Table 15
Receive Buffer Operating Modes (E1)
Buffer Size
(SIC1.RBS1/0)
TS Offset programming
(RC1/0) + SYPR = input
Slip performance
bypass
1)
1)
In bypass mode the clock provided on pin SCLKR is ignored. Clocking is done with RCLK.
disabled
recommended:
SYPR = output
no
short buffer
not recommended,
recommended:
SYPR = output
yes
1 frame
not recommended,
recommended:
SYPR = output
yes
2 frames
enabled
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com