Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 5Page - Infineon Technologies AG PEB2256HT Datasheet HTML 6Page - Infineon Technologies AG PEB2256HT Datasheet HTML 7Page - Infineon Technologies AG PEB2256HT Datasheet HTML 8Page - Infineon Technologies AG PEB2256HT Datasheet HTML 9Page - Infineon Technologies AG PEB2256HT Datasheet HTML 10Page - Infineon Technologies AG PEB2256HT Datasheet HTML 11Page - Infineon Technologies AG PEB2256HT Datasheet HTML 12Page - Infineon Technologies AG PEB2256HT Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 490 page
background image
FALC56 V1.2
PEB 2256
List of Figures
Page
Data Sheet
9
2002-08-27
Figure 1
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 2
Multiple E1/T1/J1 Link over Frame Relay . . . . . . . . . . . . . . . . . . . . . . 24
Figure 3
8-Channel E1/T1/J1-Interface to the ATM Layer . . . . . . . . . . . . . . . . . 25
Figure 4
Pin Configuration P-MQFP-80-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 5
Pin Configuration P-LBGA-81-1 (bottom view) . . . . . . . . . . . . . . . . . . 27
Figure 6
Pin Configuration P-LBGA-81-1 (top view) . . . . . . . . . . . . . . . . . . . . . 28
Figure 7
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 8
FIFO Word Access (Intel Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 9
FIFO Word Access (Motorola Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 10
Interrupt Status Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 11
Block Diagram of Test Access Port and Boundary Scan . . . . . . . . . . . 57
Figure 12
Flexible Master Clock Unit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 13
Receive Clock System (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 14
Receiver Configuration (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 15
Receive Line Monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 16
Protection Switching Application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 17
Jitter Attenuation Performance (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 18
Jitter Tolerance (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 19
The Receive Elastic Buffer as Circularly Organized Memory . . . . . . . 72
Figure 20
Automatic Handling of Errored Signaling Units . . . . . . . . . . . . . . . . . . 75
Figure 21
2.048 MHz Receive Signaling Highway (E1) . . . . . . . . . . . . . . . . . . . . 77
Figure 22
CRC4 Multiframe Alignment Recovery Algorithms (E1). . . . . . . . . . . . 89
Figure 23
Transmitter Configuration (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Figure 24
Transmit Clock System (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 25
Transmit Line Monitor Configuration (E1) . . . . . . . . . . . . . . . . . . . . . . 99
Figure 26
2.048 MHz Transmit Signaling Highway (E1) . . . . . . . . . . . . . . . . . . 101
Figure 27
System Interface (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Figure 28
Receive System Interface Clocking (E1) . . . . . . . . . . . . . . . . . . . . . . 105
Figure 29
SYPR Offset Programming (2.048 Mbit/s, 2.048 MHz) . . . . . . . . . . . 107
Figure 30
SYPR Offset Programming (8.192 Mbit/s, 8.192 MHz) . . . . . . . . . . . 107
Figure 31
RFM Offset Programming (2.048 Mbit/s, 2.048 MHz) . . . . . . . . . . . . 108
Figure 32
RFM Offset Programming (8.192 Mbit/s, 8.192 MHz) . . . . . . . . . . . . 108
Figure 33
Transmit System Interface Clocking: 2.048 MHz (E1) . . . . . . . . . . . . 109
Figure 34
Transmit System Interface Clocking: 8.192 MHz/4.096 Mbit/s (E1). . 110
Figure 35
SYPX Offset Programming (2.048 Mbit/s, 2.048 MHz) . . . . . . . . . . . 112
Figure 36
SYPX Offset Programming (8.192 Mbit/s, 8.192 MHz) . . . . . . . . . . . 112
Figure 37
Remote Loop (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
Figure 38
Payload Loop (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Figure 39
Local Loop (E1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Figure 40
Single Channel Loop-Back (E1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
Figure 41
Receive Clock System (T1/J1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Figure 42
Receiver Configuration (T1/J1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com