Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG PEB2256HT Datasheet HTML 88Page - Infineon Technologies AG PEB2256HT Datasheet HTML 89Page - Infineon Technologies AG PEB2256HT Datasheet HTML 90Page - Infineon Technologies AG PEB2256HT Datasheet HTML 91Page - Infineon Technologies AG PEB2256HT Datasheet HTML 92Page - Infineon Technologies AG PEB2256HT Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
89
2002-08-27
Note: E-bits can be processed by the system interface. Setting bit TSWM.TSIS enables
transparency for E-bits in transmit direction (refer to Table 18).
Figure 22
CRC4 Multiframe Alignment Recovery Algorithms (E1)
ITD10310
OUT of Primary BFA:
Inhibit Incoming CRC-4 Performance Monitoring
Reset all Timers
Set FRS0.LFA/LMFA/NMF = 110
No
BFA Search ?
Primary
Yes
Reset Internal Frame Alignment Status
Start 400 ms Timer
IN Primary BFA:
Enable Primary BFA Loss Checking Process
(FRS0.LFA = 0)
Start 8 ms Timer
Can CRC-4
MFA be found
Yes
in 8 ms ?
400 ms
Timer
Elapsed ?
Yes
No
Parallel
BFA Search
Good ?
No
No
Assume CRC-4 to CRC-4 Interworking:
Confirm Primary BFA Associated with CRC-4 MFA
Reset Internal Multiframe Alignment Status
Adjust Primary BFA if Necessary
(FRS0.LMFA = 0)
Confirm Primary BFA
Set Internal 400 ms Timer Expiration Status Bit
Assume CRC-4 to non CRC-4 Interworking:
(FRS0.NMF = 1)
Start CRC-4 Performance Monitoring
Yes
or LFA ?
Error Count
CRC-4
No
Continue CRC-4 Performance Monitoring
_
< 915
Yes
CRC-4 MFA Search



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com