Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 89Page - Infineon Technologies AG PEB2256HT Datasheet HTML 90Page - Infineon Technologies AG PEB2256HT Datasheet HTML 91Page - Infineon Technologies AG PEB2256HT Datasheet HTML 92Page - Infineon Technologies AG PEB2256HT Datasheet HTML 93Page - Infineon Technologies AG PEB2256HT Datasheet HTML 94Page - Infineon Technologies AG PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
93
2002-08-27
The FALC56 also offers the ability to generate and detect a flexible in-band loop-up and
loop-down pattern (LCR1.LLBP = 1). The loop-up and loop-down pattern is individually
programmable from 2 to 8 bits in length (LCR1.LAC1/0 and LCR1.LDC1/0).
Programming of loop codes is done in registers LCR2 and LCR3.
Status and interrupt status bits inform the user whether loop-up or loop-down code has
been detected.
4.3.7
Time Slot 0 Transparent Mode
The transparent modes are useful for loop-backs or for routing data unchanged through
the FALC56.
In receive direction, transparency for ternary or dual-/single-rail unipolar data is always
achieved if the receiver is in the synchronous state. In asynchronous state data is
transparently switched through if bit FMR2.DAIS is set. However, correct time slot
assignment cannot be guaranteed due to missing frame alignment between line and
system side.
Setting of bit LOOP.RTM disconnects control of the internal elastic store from the
receiver. The elastic buffer is now in a “free running” mode without any possibility to
update the time slot assignment to a new frame position in case of resynchronization of
the receiver. Together with FMR2.DAIS this function can be used to realize undisturbed
transparent reception.
Transparency in transmit direction can be achieved by activating the time slot 0
transparent mode (bit XSP.TT0 or TSWM.(7:0)). If XSP.TT0 = 1 all internal information
of the FALC56 (framing, CRC, S
a/Si-bit signaling, remote alarm) is ignored. With register
TSWM the S
i-bits, A-bit or the Sa-bits can be enabled selectively to send data
transparently from port XDI to the far end. For complete transparency the internal
signaling controller, idle code generation and AIS alarm generation, single channel and
payload loop-back have to be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com