Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG PEB2256HT Datasheet HTML 44Page - Infineon Technologies AG PEB2256HT Datasheet HTML 45Page - Infineon Technologies AG PEB2256HT Datasheet HTML 46Page - Infineon Technologies AG PEB2256HT Datasheet HTML 47Page - Infineon Technologies AG PEB2256HT Datasheet HTML 48Page - Infineon Technologies AG PEB2256HT Datasheet HTML 49Page - Infineon Technologies AG PEB2256HT Datasheet HTML 50Page - Infineon Technologies AG PEB2256HT Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
47
2002-08-27
60
61
62
63
B8
A9
A8
B7
XPA
XPB
XPC
XPD
O
Data Link Bit Transmit (DLX)
PC(1:4).XPC(3:0) = 0110
E1: Marks the S
a(8:4)-bits within the data
stream on XDI. The S
a(8:4)-bit positions in time
slot 0 of every frame not containing the frame
alignment signal are selected by register
XC0.SA8E to XC0.SA4E.
T1/J1: This output provides a 4-kHz signal
which marks the DL-bit position within the data
stream on XDI (in ESF mode only).
O
Transmit Clock (XCLK)
PC(1:4).XPC(3:0) = 0111
Transmit line clock of 2.048 MHz (E1) or
1.544 MHz (T1/J1) derived from SCLKX/R,
RCLK or generated internally by DCO
circuitries.
I + PU
Transmit Line Tristate (XLT)
PC(1:4).XPC(3:0) = 1000
A high level on this port sets the transmit lines
XL1/2 or XDOP/N into tristate mode. This pin
function is logically ored with register bit
XPM2.XLT.
Table 4
Pin Definitions - System Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com