Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 16Page - Infineon Technologies AG PEB2256HT Datasheet HTML 17Page - Infineon Technologies AG PEB2256HT Datasheet HTML 18Page - Infineon Technologies AG PEB2256HT Datasheet HTML 19Page - Infineon Technologies AG PEB2256HT Datasheet HTML 20Page - Infineon Technologies AG PEB2256HT Datasheet HTML 21Page - Infineon Technologies AG PEB2256HT Datasheet HTML 22Page - Infineon Technologies AG PEB2256HT Datasheet HTML 23Page - Infineon Technologies AG PEB2256HT Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 490 page
background image
FALC56 V1.2
PEB 2256
Introduction
Data Sheet
20
2002-08-27
• Support of automatic protection switching
• Dual-rail or single-rail digital inputs and outputs
• Unipolar NRZ or CMI for interfacing fiber-optical transmission routes
• Selectable line codes (E1: HDB3, AMI/T1: B8ZS, AMI with ZCS)
• Loss-of-signal indication with programmable thresholds according to ITU-T G.775,
ETS300233 (E1) and ANSI T1.403 (T1/J1)
• Optional data stream muting upon LOS detection
• Programmable receive slicer threshold
• Clock generator for jitter-free system/transmit clocks per channel
• Local loop and remote loop for diagnostic purposes
• Low power device, single power supply: 3.3 V with 5 V tolerant digital inputs
Frame Aligner
• Frame alignment/synthesis for 2048 kbit/s according to ITU-T G.704 (E1) and for
1544 kbit/s according to ITU-T G.704 and JT G.704 (T1/J1)
• Programmable frame formats:
E1: Doubleframe, CRC multiframe (E1)
T1: 4-frame multiframe (F4,FT), 12-frame multiframe (F12, D3/4), extended
superframe (F24, ESF), remote switch mode (F72, SLC96)
• Selectable conditions for recover/loss of frame alignment
•
CRC4 to non-CRC4 interworking according to ITU-T G. 706 Annex B (E1)
•
Error checking via CRC4 procedures according to ITU-T G. 706 (E1)
•
Error checking via CRC6 procedures according to ITU-T G. 706 and JT G.706 (T1/J1)
•
Performs synchronization in ESF format according to NTT requirements (J1)
• Alarm and performance monitoring per second
16 bit counter for CRC-errors, framing errors, code violations, error monitoring via
E-bit and SA6-bit (E1), errored blocks, PRBS bit errors
• Insertion and extraction of alarm indication signals (AIS, remote/yellow alarm,…)
•
Remote alarm generation/checking according to ITU JT-G.704 in ESF-format (J1)
• IDLE code insertion for selectable channels
• Single-bit defect insertion
• Flexible system clock frequency for receiver and transmitter
•
Supports programmable system data rates with independent receive/transmit shifts:
E1: 2.048, 4.096, 8.192 and 16.384 Mbit/s (according to H.100/H.110 bus)
T1/J1:
2.048, 4.096, 8.192, 16.384 Mbit/s and 1.544, 3.088, 6.176, 12.352 Mbit/s
• Elastic store for receive and transmit route clock wander and jitter compensation;
controlled slip capability and slip indication
• Programmable elastic buffer size: 2 frames/1 frame/short buffer/bypass
• Provides different time slot mapping modes
• Supports fractional E1 or T1/J1 access
• Flexible transparent modes
•
Programmable in-band loop code detection and generation (TR62411)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com