Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 72Page - Infineon Technologies AG PEB2256HT Datasheet HTML 73Page - Infineon Technologies AG PEB2256HT Datasheet HTML 74Page - Infineon Technologies AG PEB2256HT Datasheet HTML 75Page - Infineon Technologies AG PEB2256HT Datasheet HTML 76Page - Infineon Technologies AG PEB2256HT Datasheet HTML 77Page - Infineon Technologies AG PEB2256HT Datasheet HTML 78Page - Infineon Technologies AG PEB2256HT Datasheet HTML 79Page - Infineon Technologies AG PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
76
2002-08-27
4.1.14.3
S
a-Bit Access (E1)
The FALC56 supports the S
a-bit signaling of time slot 0 of every other frame as follows:
• the access through register RSW
• the access through registers RSA(8:4), capable of storing the information for a
complete multiframe
• the access through the 64 byte deep receive FIFO of the signaling controller of HDLC
channel 1. This S
a-bit access gives the opportunity to receive a transparent bit stream
as well as HDLC frames where the signaling controller automatically processes the
HDLC protocol. Any combination of S
a-bits which shall be extracted and stored in the
RFIFO is selected by XC0.SA(8:4). The access to the RFIFO is supported by
ISR0.RME/RPF.
4.1.14.4
Channel Associated Signaling CAS (E1, serial mode)
The signaling information is carried in time slot 16 (TS16). The signaling controller
samples the bit stream either on the receive line side or if external signaling is enabled
on the receive system side. External signaling is enabled by selecting the RSIG pin
function in registers PC(4:1) and setting XSP.CASEN = 1.
Optionally the complete CAS multiframe can be transmitted on pin RSIG. The signaling
data is clocked with the working clock of the receive highway (SCLKR) together with the
receive synchronization pulse (SYPR). Data on RSIG is transmitted in the last 4 bits per
time slot and is aligned to the data on RDO. The first 4 bits per time slot can be optionally
fixed high or low (SIC2.SSF), except for time slot 0 and 16 (bit 1 to 4 are always "0000"
in TS16). In time slot 0 the FAS/NFAS word is transmitted, in time slot 16 the CAS
multiframe pattern "0000XYXX". Data on RSIG is only valid if the freeze signaling status
is inactive. With FMR1.SAIS an all-ones data stream can be transmitted on RDO and
RSIG.
The signaling procedure is done as it is described in ITU-T G.704 and G.732.
The main functions are:
• Synchronization to a CAS multiframe
• Detection of AIS and remote alarm in CAS multiframes
• Separation of CAS service bits X1 to X3
Updating of the received signaling information is controlled by the freeze signaling
status. The freeze signaling status is automatically activated if a loss-of-signal
(FRS0.LOS = 1), or a loss of CAS multiframe alignment (FRS1.TSL16LFA = 1) or a
receive slip occurs. The current freeze status is output on port FREEZE (RP(A:D)) and
indicated by register SIS.SFS. Optionally automatic freeze signaling can be disabled by
setting bit SIC3.DAF.
After CAS resynchronization an interrupt is generated. Because at this time the signaling
is still frozen, CAS data is not valid yet. Readout of CAS data has to be delayed until the
next CAS multiframe is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com