Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 57Page - Infineon Technologies AG PEB2256HT Datasheet HTML 58Page - Infineon Technologies AG PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
61
2002-08-27
4.1.3
Receive Equalization Network (E1)
The FALC56 automatically recovers the signals received on pins RL1/2 in a range of up
to -43 dB. The maximum reachable length with a 22 AWG twisted pair cable is 1500 m.
After reset the FALC56 is in short-haul“ mode, received signals are recovered up to -10
dB of cable attenuation. Switching in Long-haul“ mode is done by setting of bit
LIM0.EQON.
The integrated receive equalization network recovers signals with up to -43 dB of cable
attenuation. Noise filters eliminate the higher frequency part of the received signals. The
incoming data is peak-detected and sliced to produce the digital data stream. The slicing
level is software selectable in four steps (45%, 50%, 55%, 67%). For typical E1
applications, a level of 50% is used. The received data is then forwarded to the clock &
data recovery unit.
In long-haul mode, the current equalizer status is indicated by register RES (Receive
Equalizer Status).
4.1.4
Receive Line Attenuation Indication (E1)
Status register RES reports the current receive line attenuation in a range from 0 to -43
dB in 25 steps of approximately 1.7 dB each. The least significant 5 bits of this register
indicate the cable attenuation in dB. These 5 bits are only valid in combination with the
most significant two bits (RES.EV1/0 = 01).
4.1.5
Receive Clock and Data Recovery (E1)
The analog received signal on port RL1/2 is equalized and then peak-detected to
produce a digital signal. The digital received signal on port RDIP/N is directly forwarded
to the DPLL. The receive clock and data recovery extracts the route clock from the data
stream received at the RL1/2, RDIP/RDIN or ROID lines and converts the data stream
into a single-rail, unipolar bit stream. The clock and data recovery uses an internally
generated high frequency clock based on MCLK.
The recovered route clock or a de-jittered clock can be output on pin RCLK as shown in
Table 10.
See also Table 13 on page 67 for details of master/slave clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com