Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 79Page - Infineon Technologies AG PEB2256HT Datasheet HTML 80Page - Infineon Technologies AG PEB2256HT Datasheet HTML 81Page - Infineon Technologies AG PEB2256HT Datasheet HTML 82Page - Infineon Technologies AG PEB2256HT Datasheet HTML 83Page - Infineon Technologies AG PEB2256HT Datasheet HTML 84Page - Infineon Technologies AG PEB2256HT Datasheet HTML 85Page - Infineon Technologies AG PEB2256HT Datasheet HTML 86Page - Infineon Technologies AG PEB2256HT Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
83
2002-08-27
4.2.3
CRC-Multiframe (E1)
The multiframe structure shown in Table 18 is enabled by setting bit: FMR2.RFS1/0 for
the receiver and FMR1.XFS for the transmitter.
Multiframe
:
2 submultiframes = 2
× 8 frames
Frame alignment
:
refer to section Doubleframe Format
Multiframe alignment :
bit 1 of frames 1, 3, 5, 7, 9, 11 with the pattern "001011"
CRC bits
:
bit 1 of frames 0, 2, 4, 6, 8, 10, 12, 14
CRC block size
:
2048 bit (length of a submultiframe)
CRC procedure
:
CRC4, according to ITU-T G.704 and G.706
E:
Spare bits for international use. Access to received information through bits
RSP.RS13 and RSP.RS15. Transmission is enabled by bits XSP.XS13 and
XSP.XS15. Additionally, automatic transmission for submultiframe error
indication is selectable.
S
a:
Spare bits for national use. Additionally, S
a-bit access through registers
RSA4…8 and XSA4…8 is provided. HDLC-signaling in bits S
a4 to Sa8 is
selectable.
C
1 …C4:
Cyclic redundancy check bits.
A:
Remote alarm indication. Additionally, automatic transmission of the A-bit is
selectable.
Table 18
CRC-Multiframe Structure (E1)
Sub-
Multiframe
Frame
Number
Bits 1 to 8 of the Frame
1
2
34
56
78
Multiframe
I
0
1
2
3
4
5
6
7
C
1
0
C
2
0
C
3
1
C
4
0
0
1
0
1
0
1
0
1
0
A
0
A
0
A
0
A
1
S
a4
1
S
a4
1
S
a4
1
S
a4
1
S
a5
1
S
a5
1
S
a5
1
S
a5
0
S
a61
0
S
a62
0
S
a63
0
S
a64
1
S
a7
1
S
a7
1
S
a7
1
S
a7
1
S
a8
1
S
a8
1
S
a8
1
S
a8
II
8
9
10
11
12
13
14
15
C
1
1
C
2
1
C
3
E*
C
4
E*
0
1
0
1
0
1
0
1
0
A
0
A
0
A
0
A
1
S
a4
1
S
a4
1
S
a4
1
S
a4
1
S
a5
1
S
a5
1
S
a5
1
S
a5
0
S
a61
0
S
a62
0
S
a63
0
S
a64
1
S
a7
1
S
a7
1
S
a7
1
S
a7
1
S
a8
1
S
a8
1
S
a8
1
S
a8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com