Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 59Page - Infineon Technologies AG PEB2256HT Datasheet HTML 60Page - Infineon Technologies AG PEB2256HT Datasheet HTML 61Page - Infineon Technologies AG PEB2256HT Datasheet HTML 62Page - Infineon Technologies AG PEB2256HT Datasheet HTML 63Page - Infineon Technologies AG PEB2256HT Datasheet HTML 64Page - Infineon Technologies AG PEB2256HT Datasheet HTML 65Page - Infineon Technologies AG PEB2256HT Datasheet HTML 66Page - Infineon Technologies AG PEB2256HT Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
63
2002-08-27
Figure 14
Receiver Configuration (E1)
Table 11
Recommended Receiver Configuration Values (E1)
4.1.7
Receive Line Monitoring Mode
For short-haul applications like shown in Figure 15, the receive equalizer can be
switched into receive line monitoring mode (LIM0.RLM = 1). One device is used as a
short-haul receiver while the other is used as a short-haul monitor. In this mode the
receiver sensitivity is increased to detect an incoming signal of -20 dB resistive
attenuation. The required resistor values are given in Table 12.
Parameter
1)
1)
This includes all parasitic effects caused by circuit board design.
Characteristic Impedance [
Ω]
120
75
R
2 (± 1%) [Ω]
120
75
t
2 : t1
1 : 1
1 : 1
ITS10967
Line
t 2
t 1
RL2
RL1
2
R
R
FALC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com