Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG PEB2256HT Datasheet HTML 44Page - Infineon Technologies AG PEB2256HT Datasheet HTML 45Page - Infineon Technologies AG PEB2256HT Datasheet HTML 46Page - Infineon Technologies AG PEB2256HT Datasheet HTML 47Page - Infineon Technologies AG PEB2256HT Datasheet HTML 48Page - Infineon Technologies AG PEB2256HT Datasheet HTML 49Page - Infineon Technologies AG PEB2256HT Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
46
2002-08-27
60
61
62
63
B8
A9
A8
B7
XPA
XPB
XPC
XPD
I + PU
Transmit Clock (TCLK)
PC(1:4).XPC(3:0) = 0011
A 2.048/8.192-MHz (E1) or 1.544/6.176-MHz
(T1/J1) clock has to be sourced by the system
if the internally generated transmit clock
(generated by DCO-X) shall not be used.
Optionally this input is used as a
synchronization clock for the DCO-X circuitry
with a frequency of 2.048 (E1) or 1.544 MHz
(T1/J1).
O
Transmit Multiframe Begin (XMFB)
PC(1:4).XPC(3:0) = 0100
XMFB marks the beginning of every
transmitted multiframe on XDI. The signal is
active high for one 2.048 (E1) or 1.544 MHz
(T1/J1) period.
O
Transmit Signaling Marker (XSIGM)
PC(1:4).XPC(3:0) = 0101
E1: Marks the transmit time slots on XDI of
every frame which are defined by register
TTR(1:4).
T1/J1: Marks the transmit time slots on XDI of
every frame which are defined by register
TTR(1:4) (if not CAS-BR is used).
When using the CAS-BR signaling scheme the
robbed bit of each channel in every sixth frame
is marked.
Table 4
Pin Definitions - System Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com