Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 35Page - Infineon Technologies AG PEB2256HT Datasheet HTML 36Page - Infineon Technologies AG PEB2256HT Datasheet HTML 37Page - Infineon Technologies AG PEB2256HT Datasheet HTML 38Page - Infineon Technologies AG PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG PEB2256HT Datasheet HTML 40Page - Infineon Technologies AG PEB2256HT Datasheet HTML 41Page - Infineon Technologies AG PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
39
2002-08-27
•
Table 4
Pin Definitions - System Interface
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function
System Interface Receive
66
B6
RDO
O
Receive Data Out
Received data that is sent to the system
highway. Clocking of data is done with the
rising or falling edge (SIC3.RESR) of SCLKR
or RCLK, if the receive elastic store is
bypassed. The delay between the beginning of
time slot 0 and the initial edge of SCLKR (after
SYPR goes active) is determined by the values
of registers RC1 and RC0.
If received data is shifted out with higher (more
than 2.048/1.544 Mbit/s) data rates, the active
channel phase is defined by bits
SIC2.SICS(2:0). During inactive channel
phases RDO is cleared (driven to low level, not
tristate).
65
A7
SCLKR
I/O + PU
System Clock Receive
Working clock for the receive system interface
with a frequency of 16.384/8.192/4.096/2.048
MHz in E1 mode and 16.384/8.192/4.096/
2.048 MHz (SIC2.SSC2 = 0) or 12.352/6.176/
3.088/1.544 MHz (SIC2.SSC2 = 1) in T1/J1
mode. If the receive elastic store is bypassed,
the clock supplied on this pin is ignored,
because RCLK is used to clock the receive
system interface.
If SCLKR is configured to be an output, the
internal working clock of the receive system
interface sourced by DCO-R or RCLK is
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com