Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG PEB2256HT Datasheet HTML 40Page - Infineon Technologies AG PEB2256HT Datasheet HTML 41Page - Infineon Technologies AG PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG PEB2256HT Datasheet HTML 44Page - Infineon Technologies AG PEB2256HT Datasheet HTML 45Page - Infineon Technologies AG PEB2256HT Datasheet HTML 46Page - Infineon Technologies AG PEB2256HT Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
43
2002-08-27
67
68
69
70
D6
A6
B5
D5
RPA
RPB
RPC
RPD
O
Frame Synchronous Pulse (RFSP)
PC(1:4).RPC(2:0) = 111
Active low framing pulse derived from the
received PCM route signal (line side, RCLK).
During loss of synchronization (bit
FRS0.LFA = 1), this pulse is suppressed (not
influenced during alarm simulation).
Pulse frequency: 8 kHz
Pulse width: 488 ns (E1) or 648 ns (T1/J1).
System Interface Transmit
56
D8
XDI
I
Transmit Data In
Transmit data received from the system
highway. Latching of data is done with rising or
falling transitions of SCLKX according to bit
SIC3.RESX.
The delay between the beginning of time slot 0
and the initial edge of SCLKX (after SYPX
goes active) is determined by the registers
XC(1:0).
In higher (more than 1.544/2.048 Mbit/s) data
rates sampling of data is defined by bits
SIC2.SICS(2:0).
64
C6
SCLKX
I + PU
System Clock Transmit
Working clock for the transmit system interface
with a frequency of 16.384/8.192/4.096/2.048
in E1 mode and 16.384/8.192/4.096/2.048
MHz (SIC2.SSC2 = 0) or 12.352/6.176/3.088/
1.544 MHz (SIC2.SSC2 = 1) in T1/J1 mode.
Table 4
Pin Definitions - System Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com