Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 92Page - Infineon Technologies AG PEB2256HT Datasheet HTML 93Page - Infineon Technologies AG PEB2256HT Datasheet HTML 94Page - Infineon Technologies AG PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
96
2002-08-27
4.4.3
Transmit Jitter Attenuator (E1)
The transmit jitter attenuator DCO-X circuitry generates a "jitter-free" transmit clock and
meets the following requirements: ITU-T I.431, G. 703, G. 736 to 739, G.823 and ETSI
TBR12/13. The DCO-X circuitry works internally with the same high frequency clock as
the receive jitter attenuator. It synchronizes either to the working clock of the transmit
backplane interface or the clock provided on pin TCLK or the receive clock RCLK
(remote loop/loop-timed). The DCO-X attenuates the incoming clock jitter starting at
2 Hz with 20 dB per decade fall-off. With the jitter attenuated clock, which is directly
depending on the phase difference of the incoming clock and the jitter attenuated clock,
data is read from the transmit elastic buffer (2 frames) or from the JATT buffer (2 frames,
remote loop). Wander with a jitter frequency below 2 Hz is passed transparently.
The DCO-X accepts gapped clocks which are used in ATM or SDH/SONET applications.
The jitter attenuated clock is output on pin XCLK or optionally on pin CLK2.
In case of missing clock on pin SCLKX the DCO-X centers automatically, if selected by
bit CMR2.DCOXC = 1.
The transmit jitter attenuator can be disabled. In that case data is read from the transmit
elastic buffer with the clock sourced on pin TCLK (2.048 or 8.192 MHz). Synchronization
between SCLKX and TCLK has to be done externally.
In the loop-timed clock configuration (LIM2.ELT) the DCO-X circuitry generates a
transmit clock which is frequency synchronized on RCLK. In this configuration the
transmit elastic buffer has to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com