Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2256HT Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 36Page - Infineon Technologies AG PEB2256HT Datasheet HTML 37Page - Infineon Technologies AG PEB2256HT Datasheet HTML 38Page - Infineon Technologies AG PEB2256HT Datasheet HTML 39Page - Infineon Technologies AG PEB2256HT Datasheet HTML 40Page - Infineon Technologies AG PEB2256HT Datasheet HTML 41Page - Infineon Technologies AG PEB2256HT Datasheet HTML 42Page - Infineon Technologies AG PEB2256HT Datasheet HTML 43Page - Infineon Technologies AG PEB2256HT Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 490 page
background image
FALC56 V1.2
PEB 2256
Pin Descriptions
Data Sheet
40
2002-08-27
67
68
69
70
D6
A6
B5
D5
RPA
RPB
RPC
RPD
I/O + PU
Receive Multifunction Port A to D
Depending on programming of bits
PC(1:4).RPC(2:0) these multifunction ports
carry information to the system interface or
from the system to the FALC
®56. After reset
these ports are configured to be inputs. With
the selection of the appropriate pin function,
the corresponding input/output configuration is
achieved automatically. Depending on bit
SIC3.RESR latching/transmission of data is
done with the rising or falling edge of SCLKR.
If not connected, an internal pullup transistor
ensures a high input level.
The input function must not be selected twice
or more.
Selectable pin functions are described below.
I + PU
Synchronous Pulse Receive (SYPR)
PC(4:1).RPC(2:0) = 000
Together with the values of registers RC(1:0)
this signal defines the beginning of time slot 0
on system highway port RDO .
Only one multifunction port may be selected as
SYPR input. After reset, SYPR of port A is
used, the other lines are ignored.
SYPR cannot be used in combination with
RFM.
The pulse cycle is an integer multiple of
125
µs.
Table 4
Pin Definitions - System Interface (cont’d)
Pin
No.
Ball
No.
Symbol
Input (I)
Output (O)
Supply (S)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com